Part Number Hot Search : 
CED61A3 Q004Z GF1004 LTC3406 BCM89071 16386 BPC2510 DS1404
Product Description
Full Text Search
 

To Download FO1002PS7P05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIL-DTL-38999 Connectors 100% Tested
(c) 2006 Glenair, Inc. www.glenair.com
Glenair ASAP Fiber Optic Cable Sets Field Repairable Banding Backshell Assembly
D38999 Series III to D38999 Series III
PRODUCT FEATURES
Neoprene Jacketed Cable MIL-DTL-38999 Series III Connectors in Aluminum, Composite or Stainless Steel Glenair Banding Backshells with Flex-Nut StrainRelief in Aluminum, Composite or Stainless Steel Plug, Jam-Nut Receptacle, In-Line and Wall-Mount Receptacle Configurations Single and Multimode Fiber Media Simple, Fast Kevlar Strength-Member Termination Military Standard Dust Caps MIL-PRF-29504 Qualified Termini Multichannel Capability: From 2 to 37 Channels Custom Lengths Available
The Ideal Solution for Combined Environmental Resistance, Field Repairability and Kevlar Termination
(R)
Reinforced, extruded cable is an ideal packaging option for rugged application environments, and Glenair can extrude fiber optic cable for most high-performance applications. But while the cable is the backbone of this packaging solution, Glenair's ruggedized backshell is the component which gives the assembly its real functionality. The backshell allows for the convenient termination of cable shielding and/or the Kevlar(R) strength member. Unlike other backshell designs, Glenair's assembly uses a simple, easy to use banding technology to terminate cable shielding and the Kevlar material used in fiber cable extrusions. The Glenair Band-It(R) technology is fully tested and proven to meet pull strength requirements and is the quickest and most reliable way to terminate these materials. The Glenair backshell also provides additional strainrelief and environmental protection of the cable to connector transition with it's unique Flex-Nut style fitting. And unlike overmolded solutions, the reinforced extruded cable/backshell package allows maintenance technicians to open the cable for field service. Backshells are selected for functionality (strain-relief, shield termination, and so on) and for material compatibility with the chosen connector. The turnkey assembly includes custom extruded cable, Glenair Backshell, MIL-DTL-38999 Style Connectors, MIL-PRF-29504 Termini, Mil-Spec Dust-Caps and customer specified marking and labeling.
*See Section M For Band-It(R) Tooling Information
CAGE Code 06324 Printed in U.S.A.
Reinforced Cable/Backshell Assemblies
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com B-38
Glenair ASAP Fiber Optic Cable Sets Field Repairable Banding Backshell Assembly
D38999 Series III to D38999 Series III
CONNECTOR END
A
CONNECTOR END
B
LENGTH
L
Reference Part Number Development: FO1002 P 06 P 06 J 04 - 62 - 100 L
Basic part Number A Terminus Type P = Pin Terminus S = Socket Terminus A Connector Type 05 = D38999 Style In-Line Receptacle 06 = D38999/26 Style Plug 08 = D38999/24 Style Jam-Nut Receptacle H7 = D38999/20 Style Wall Mount Receptacle (Std.) S7 = D38999/20 Style Wall Mount Receptacle (Slotted) T7 = D38999/20 Style Wall Mount Receptacle (Tapped) B Terminus Type P = Pin Terminus S = Socket Terminus B Connector Type 05 = D38999 Style In-Line Receptacle 06 = D38999/26 Style Plug 08 = D38999/24 Style Jam-Nut Receptacle H7 = D38999/20 Style Wall Mount Receptacle (Std.) S7 = D38999/20 Style Wall Mount Receptacle (Slotted) T7 = D38999/20 Style Wall Mount Receptacle (Tapped) Connector/Backshell Class F = Aluminum, Electroless Nickel Plating J = Composite, Olive Drab Cadmium Plating K = Stainless Steel, Passivated M = Composite, Electroless Nickel Plating W = Aluminum, Olive Drab Cadmium Plating Protective Covers L = Less Covers Omit for with Covers Length in Feet Fiber Size 09 = 9.3/125 Singlemode 50 = 50/125 Multimode 62 = 62.5/125 Multimode 10 = 100/140 Multimode 20 = 200/230 Multimode Number of Fibers* 02 = 2 Fibers (Shell Size 11) 04 = 4 Fibers (Shell Size 13) 05 = 5 Fibers (Shell Size 15) 08 = 8 Fibers (Shell Size 17) 11 = 11 Fibers (Shell Size 19) 16 = 16 Fibers (Shell Size 21) 21 = 21 Fibers ( Shell Size 23) 29 = 29 Fibers (Shell Size 25) 37 = 37 Fiber (Shell Size 25)
Standard Cable Make-Up: 2mm Jacketed Fiber, Polyurethane Jacketing, Kevlar Reinforcement, Nominal Temperature Range -40 to +85C. Please Reference Special Marking, Labels Or Other Identification Specifications on Your Purchase Order
*See Page B-10 for Insert Arrangements Part Numbering is for Reference Purposes Only. A Unique Glenair Part Number Will Be Assigned to Your Cable Order.
(c) 2006 Glenair, Inc. www.glenair.com
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com B-39
MIL-DTL-38999 Connectors


▲Up To Search▲   

 
Price & Availability of FO1002PS7P05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X